Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW7IC915NT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MW7IC915NT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MW7IC915NT1
Download  MW7IC915NT1 Download
File Size   400.31 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifier

MW7IC915NT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MW7IC915NT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MW7IC915NT1
Download  MW7IC915NT1 Click to download

File Size   400.31 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifier

MW7IC915NT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MW7IC915NT1 Product details

RF LDMOS Wideband Integrated Power Amplifier

The MW7IC915N wideband integrated circuit is designed with on-chip matching that makes it usable from 698 to 960 MHz. This multi - stage structure is rated for 26 to 32 Volt operation and covers all typical cellular base station modulation formats.

Driver Application — 900 MHz
• Typical Single-Carrier W-CDMA Performance: VDD = 28 Volts,
   IDQ1 = 52 mA, IDQ2 = 134 mA, Pout = 1.6 Watts Avg., IQ Magnitude
   Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB
   @ 0.01% Probability on CCDF.
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 880 MHz, Pout = 23.5 Watts CW (3 dB Input Overdrive from Rated Pout)
• Stable into a 5:1 VSWR. All Spurs Below -60 dBc @ 30 to 41.5 dBm CW Pout.
• Typical Pout @ 1 dB Compression Point  15.5 Watts CW

Driver Application — 700 MHz
• Typical Single-Carrier W-CDMA Performance: VDD = 28 Volts,
   IDQ1 = 50 mA, IDQ2 = 144 mA, Pout = 1.6 Watts Avg., IQ Magnitude
   Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB
   @ 0.01% Probability on CCDF.

Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters and Common Source S-Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked)
• Integrated Quiescent Current Temperature Compensation with Enable/Disable Function (1)
• Integrated ESD Protection
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 16 mm, 13 inch Reel.




Similar Part No. - MW7IC915NT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MW7IC915NT1 NXP-MW7IC915NT1 Datasheet
672Kb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Similar Description - MW7IC915NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com