Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7660FCT Datasheet (PDF) - Freescale Semiconductor, Inc

MMA7660FCT Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA7660FCT
Download  MMA7660FCT Download
File Size   803.13 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis Orientation/Motion Detection Sensor

MMA7660FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA7660FCT Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA7660FCT
Download  MMA7660FCT Click to download

File Size   803.13 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis Orientation/Motion Detection Sensor

MMA7660FCT Datasheet (HTML) - Freescale Semiconductor, Inc


MMA7660FCT Product details

3-Axis Orientation/Motion Detection Sensor

The MMA7660FC is a ±1.5 g 3-Axis Accelerometer with Digital Output (I2C). It is a very low power, low profile capacitive MEMS sensor featuring a low pass filter, compensation for 0g offset and gain errors, and conversion to 6-bit digital values at a user configurable samples per second. The device can be used for sensor data changes, product orientation, and gesture detection through an interrupt pin (INT). The device is housed in a small 3mm x 3mm x 0.9mm DFN package.

Features
• Digital Output (I2C)
• 3mm x 3mm x 0.9mm DFN Package
• Low Power Current Consumption: Off Mode: 0.4 µA,
   Standby Mode: 2 µA, Active Mode: 47 µA at 1 ODR
• Configurable Samples per Second from 1 to 120 samples a second.
• Low Voltage Operation:
   – Analog Voltage: 2.4 V - 3.6 V
   – Digital Voltage: 1.71 V - 3.6 V
• Auto-Wake/Sleep Feature for Low Power Consumption
• Tilt Orientation Detection for Portrait/Landscape Capability
• Gesture Detection Including Shake Detection and Tap Detection
• Robust Design, High Shocks Survivability (10,000 g)
• RoHS Compliant
• Halogen Free
• Environmentally Preferred Product
• Low Cost

Typical Applications
• Mobile Phone/ PMP/PDA: Orientation Detection (Portrait/Landscape),
   Image Stability, Text Scroll, Motion Dialing, Tap to Mute
• Laptop PC: Anti-Theft
• Gaming: Motion Detection, Auto-Wake/Sleep For Low Power
   Consumption
• Digital Still Camera: Image Stability




Similar Part No. - MMA7660FCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FCT FREESCALE-MMA7660FCT Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FCT NXP-MMA7660FCT Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
More results


Similar Description - MMA7660FCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
logo
Bosch Sensortec GmbH
BNO055 BOSCH-BNO055 Datasheet
2Mb / 106P
Intelligent 9-axis absolute orientation sensor
logo
TDK Electronics
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
6-Axis Motion Sensor
DK-20789 TDK-DK-20789 Datasheet
366Kb / 1P
7-Axis Motion Sensor
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
9-Axis Motion Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com