Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1510S Datasheet (PDF) - PACELEADER INDUSTRIAL

DF1510S Datasheet PDF - PACELEADER INDUSTRIAL
Part # DF1510S
Download  DF1510S Download
File Size   150.07 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE

DF1510S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF1510S Datasheet PDF - PACELEADER INDUSTRIAL

Part # DF1510S
Download  DF1510S Click to download

File Size   150.07 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE

DF1510S Datasheet (HTML) - PACELEADER INDUSTRIAL


DF1510S Product details

REVERSE VOLTAGE - 50 TO 1000 VOLTS FORWARD CURRENT - 1.5 AMPERES



FEATURES

• Rating to 1000V PRV

• Ldeal for printed circuit board

• Reliable low cost construction utilizing molded

   Plastic technique results in inexpensive product

• Lead in plated copper

• The plastic material has UL flammability

   Classification 94V-0



 




Similar Part No. - DF1510S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF1510S WTE-DF1510S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF1510S DIODES-DF1510S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Comchip Technology
DF1510S COMCHIP-DF1510S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Vishay Siliconix
DF1510S VISHAY-DF1510S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Diodes Incorporated
DF1510S DIODES-DF1510S Datasheet
87Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. 9 - 2
More results


Similar Description - DF1510S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
GOOD-ARK Electronics
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com