Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1510S Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # DF1510S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

DF1510S Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  DF1510S Datasheet HTML 1Page - PACELEADER INDUSTRIAL DF1510S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
DF15005S thru DF1510S
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-55 to +150
-55 to +150
pF
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
V(AV)
IFSM
VF
IR
R JC
CJ
1.5
50
1.1
25
40
TJ
TSTG
10
500
10.4
A
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
REVERSE VOLTAGE - 50 TO 1000 VOLTS
FORWARD CURRENT - 1.5 AMPERES
Rating to 1000V PRV
Ldeal for printed circuit board
Reliable low cost construction utilizing molded
Plastic technique results in inexpensive product
Lead in plated copper
The plastic material has UL flammability
Classification 94V-0
Polarity As marked on body
Weight 0.02 ounce, 0.38gram
Mounting position Any
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
NOTES
1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts DC
2. Thermal Resestance From Junction to Ambient and from junction to lead mounted on P.C.B with 0.5 x 0.5 (13x13mm) copper pads.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current @ TA=40 C
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum DC Forward Voltage at ADC
0
Maximum DC Reverse @TJ=25 C
0
at rated DC Blocking Voltage @TJ=125 C
2
I t Rating for fusing (t<8.3ms)
Typical Junction capacitance per element (Note 1)
Typical Thermal resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
2
It
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
1000
700
1000
2
A S
www.paceleader.tw


Similar Part No. - DF1510S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF1510S WTE-DF1510S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF1510S DIODES-DF1510S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Comchip Technology
DF1510S COMCHIP-DF1510S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Vishay Siliconix
DF1510S VISHAY-DF1510S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Diodes Incorporated
DF1510S DIODES-DF1510S Datasheet
87Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. 9 - 2
More results

Similar Description - DF1510S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
GOOD-ARK Electronics
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com