Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5221B Datasheet (PDF) - PACELEADER INDUSTRIAL

MMSZ5221B Datasheet PDF - PACELEADER INDUSTRIAL
Part # MMSZ5221B
Download  MMSZ5221B Download
File Size   197.71 Kbytes
Page   4 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT ZENER TYPE

MMSZ5221B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5221B Datasheet PDF - PACELEADER INDUSTRIAL

Part # MMSZ5221B
Download  MMSZ5221B Click to download

File Size   197.71 Kbytes
Page   4 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT ZENER TYPE

MMSZ5221B Datasheet (HTML) - PACELEADER INDUSTRIAL


MMSZ5221B Product details

FEATURES

• Up to 500mW power dissipation.

• Silicon epitaxial planar chip structure.

• Wide zener reverse voltage range 2.4V to 75V.

• Very tiny package size for high density applications.

• Ideally suited for automated assembly processes.

• Lead-free parts meet environmental standards of MIL-STD-19500 /228



 



 



 




Similar Part No. - MMSZ5221B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5221B PANJIT-MMSZ5221B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5221B DIOTEC-MMSZ5221B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5221B WEITRON-MMSZ5221B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
More results


Similar Description - MMSZ5221B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
SURFACE MOUNT ZENER TYPE
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
SURFACE MOUNT ZENER TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com