Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5221B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MMSZ5221B
Description  SURFACE MOUNT ZENER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ5221B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MMSZ5221B Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ5221B Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMSZ5221B Datasheet HTML 3Page - PACELEADER INDUSTRIAL MMSZ5221B Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
Note : 5% tolerance of Zener voltage
mA
I
ZT
OHMs
Z
@ I
ZT
ZT
Nom
V @ I (Volts)
ZZT
mA
I
ZK
uA
I
R
Volts
V
R
OHMs
Z
@ I
ZK
ZK
3.14
2.28
3.42
2.38
3.71
4.09
2.57
4.47
3.85
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
9.5
8.5
7.8
7.0
6.2
5.6
5.2
5.0
4.5
4.2
3.8
3.4
3.2
24
30
23
30
22
30
19
30
17
28
11
7
5
6
8
10
17
22
30
13
16
17
21
25
29
33
41
44
49
58
70
80
D2
C1
D3
C2
D4
C3
D5
C5
E1
D1
E2
E4
E5
F1
F2
F4
F5
H1
H2
H3
H5
J1
J3
J5
K1
K2
K4
K5
M1
M2
M3
M4
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
25
100
15
100
10
5.0
5.0
5.0
5.0
5.0
75
50
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
5.0
6.0
6.0
6.5
8.0
8.4
9.1
9.9
11
12
14
15
17
18
21
21
23
25
27
30
1700
1200
1900
1250
2000
1300
1900
1600
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
Part No.
MMSZ5227B
MMSZ5221B
MMSZ5228B
MMSZ5222B
MMSZ5229B
MMSZ5223B
MMSZ5230B
MMSZ5225B
MMSZ5231B
MMSZ5226B
MMSZ5232B
MMSZ5234B
MMSZ5235B
MMSZ5236B
MMSZ5237B
MMSZ5239B
MMSZ5240B
MMSZ5241B
MMSZ5242B
MMSZ5243B
MMSZ5245B
MMSZ5246B
MMSZ5248B
MMSZ5250B
MMSZ5251B
MMSZ5252B
MMSZ5254B
MMSZ5255B
MMSZ5256B
MMSZ5257B
MMSZ5258B
MMSZ5259B
26.60
3.3
2.4
3.6
2.5
3.9
4.3
2.7
4.7
3.0
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
28
3.47
2.52
3.78
2.63
4.10
4.52
2.84
4.94
3.15
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
29.40
Min
Max
40.85
44.65
48.45
3.0
2.7
2.5
93
105
125
M5
N1
N2
900
1000
1100
MMSZ5260B
MMSZ5261B
MMSZ5262B
43
47
51
45.15
49.35
53.55
0.25
0.25
0.25
0.1
0.1
0.1
33
36
39
MMSZ5247B
J2
17
16.15
17.85
7.5
19
0.25
0.1
13
600
MMSZ5238B
F3
8.27
8.7
9.14
20.0
8
600
0.25
3.0
6.5
MMSZ5244B
H4
13.30
14
14.70
9.0
15
600
0.25
0.1
10.5
o
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
2
www.paceleader.tw
MMSZ5221B THRU MMSZ5262B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com