Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB650 Datasheet (PDF) - PACELEADER INDUSTRIAL

SB650 Datasheet PDF - PACELEADER INDUSTRIAL
Part # SB650
Download  SB650 Download
File Size   263.04 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SCHOTTKY BARRIER RECTIFIER

SB650 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB650 Datasheet PDF - PACELEADER INDUSTRIAL

Part # SB650
Download  SB650 Click to download

File Size   263.04 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SCHOTTKY BARRIER RECTIFIER

SB650 Datasheet (HTML) - PACELEADER INDUSTRIAL


SB650 Product details

VOLTAGE - 20 TO 60 VOLTS CURRENT - 6.0 AMPERES

FEATURES
• Plastic package has Underwriters laboratory
   Flammability Classification 94V-0 utilizing
   Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MILS-19500 / 228
• Low power loss,high efficiency
• Low forward voltage, high current capability
• High surge capability
• For use in low voltage, high frequency inverters
   Free wheeling. And polarlity protection applications
• High temperature soldering 260oC/10seconds at terminals
• Pb free product are available 99% Sn above can meet RoHS
• environment substance directive request




Similar Part No. - SB650

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB650 PANJIT-SB650 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
logo
Won-Top Electronics
SB650 WTE-SB650 Datasheet
62Kb / 4P
6.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB650 PANJIT-SB650 Datasheet
42Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB650 PANJIT-SB650 Datasheet
52Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB650 WTE-SB650 Datasheet
55Kb / 4P
6.0A SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com