Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6136 Datasheet (PDF) - ANADIGICS, Inc

AWT6136 Datasheet PDF - ANADIGICS, Inc
Part # AWT6136
Download  AWT6136 Download
File Size   401.27 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module

AWT6136 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6136 Datasheet PDF - ANADIGICS, Inc

Part # AWT6136
Download  AWT6136 Click to download

File Size   401.27 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module

AWT6136 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6136

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6136 ANADIGICS-AWT6136 Datasheet
220Kb / 12P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 1.6
AWT6136M5P8 ANADIGICS-AWT6136M5P8 Datasheet
220Kb / 12P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 1.6
AWT6136RM5P8 ANADIGICS-AWT6136RM5P8 Datasheet
220Kb / 12P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 1.6
More results


Similar Description - AWT6136

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWT6136 ANADIGICS-AWT6136 Datasheet
220Kb / 12P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 1.6
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6388 ANADIGICS-AWT6388 Datasheet
463Kb / 8P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com