Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6114 Datasheet (PDF) - ANADIGICS, Inc

AWT6114 Datasheet PDF - ANADIGICS, Inc
Part # AWT6114
Download  AWT6114 Download
File Size   125.39 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6114 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6114 Datasheet PDF - ANADIGICS, Inc

Part # AWT6114
Download  AWT6114 Click to download

File Size   125.39 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6114 Datasheet (HTML) - ANADIGICS, Inc


AWT6114 Product details

PRODUCT DESCRIPTION
The AWT6114 is a high power, high efficiency amplifier module for Korean Band PCS CDMA wireless handset applications. The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness. Selectable bias modes that optimize efficiency for different output power levels, and a shutdown mode with low leakage current, serve to increase handset talk and standby time. The self-contained 4mm x 4mm surface mount package incorporates matching networks optimized for output power, efficiency and linearity in a 50 Ω system.

FEATURES
• InGaP HBT Technology
• High Efficiency: 37%
• Low Quiescent Current: 55 mA
• Low Leakage Current in Shutdown Mode: <5 µA
• Optimized for a 50 Ω System
• Low Profile Miniature Surface Mount Package
• CDMA 1XRTT Compliant
• CDMA 1xEV-DO Compliant

APPLICATIONS
• Korean Band PCS CDMA Wireless Handsets




Similar Part No. - AWT6114

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
CDMA/AMPS Power Amplifier
Rev 0
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6112M7P8 ANADIGICS-AWT6112M7P8 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6112RM7P8 ANADIGICS-AWT6112RM7P8 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
More results


Similar Description - AWT6114

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWC6312R ANADIGICS-AWC6312R Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
10/2008
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
05/2009
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com