Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6312R Datasheet (PDF) - ANADIGICS, Inc

AWC6312R Datasheet PDF - ANADIGICS, Inc
Part # AWC6312R
Download  AWC6312R Download
File Size   407.26 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWC6312R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWC6312R Datasheet PDF - ANADIGICS, Inc

Part # AWC6312R
Download  AWC6312R Click to download

File Size   407.26 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWC6312R Datasheet (HTML) - ANADIGICS, Inc


AWC6312R Product details

PRODUCT DESCRIPTION
The AWC6312R meets the increasing demands for higher efficiency and smaller footprint in CDMA 1X handsets. The AWC6312R uses ANADIGICS’ exclusive InGaP-Plus™ technology, which combines HBT and pHEMT devices on the same die, to enable state-of-the-art reliability, temperature stability, and ruggedness. The AWC6312R is part of ANADIGICS’ High-Efficiency-at-Low-Power (HELP™) family of CDMA power amplifiers, which deliver low quiescent currents and significantly greater efficiency without a costly external DAC or DC-DC converter.

FEATURES
• InGaP HBT Technology
• High Efficiency:
    40 % @ +28 dBm output
    23 % @ +16 dBm output
• Low Quiescent Current: 8 mA
• Low Leakage Current in Shutdown Mode: <1 µA
• Internal Voltage Regulation (no need for DC/DC Converter
• Optimized for a 50 Ω System
• Low Profile Miniature Surface Mount Package: 1 mm
• CDMA 1XRTT, 1xEV-DO Compliant
• RoHS-Compliant Package, 250 oC MSL-3

APPLICATIONS
• CDMA/EVDO PCS-Band Wireless Handsets and Data Devices




Similar Part No. - AWC6312R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
More results


Similar Description - AWC6312R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
10/2008
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
05/2009
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com