Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6309 Datasheet (PDF) - ANADIGICS, Inc

AWT6309 Datasheet PDF - ANADIGICS, Inc
Part # AWT6309
Download  AWT6309 Download
File Size   456.38 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6309 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6309 Datasheet PDF - ANADIGICS, Inc

Part # AWT6309
Download  AWT6309 Click to download

File Size   456.38 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6309 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6309

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6301 ANADIGICS-AWT6301 Datasheet
244Kb / 10P
CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE
REV 0.1
AWT6301M9P8 ANADIGICS-AWT6301M9P8 Datasheet
244Kb / 10P
CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE
REV 0.1
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6301RM9Q7 ANADIGICS-AWT6301RM9Q7 Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
More results


Similar Description - AWT6309

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWC6312R ANADIGICS-AWC6312R Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
10/2008
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com