Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642 Datasheet (PDF) - Analog Devices

AD6642 Datasheet PDF - Analog Devices
Part # AD6642
Download  AD6642 Download
File Size   1154.36 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver

AD6642 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6642 Datasheet PDF - Analog Devices

Part # AD6642
Download  AD6642 Click to download

File Size   1154.36 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver

AD6642 Datasheet (HTML) - Analog Devices


AD6642 Product details

GENERAL DESCRIPTION
The AD6642 is an 11-bit, 200 MSPS, dual-channel intermediate frequency (IF) receiver specifically designed to support multi-antenna systems in telecommunication applications where high dynamic range performance, low power, and small size are desired.
The device consists of two high performance analog-to-digital converters (ADCs) and noise shaping requantizer (NSR) digital blocks. Each ADC consists of a multistage, differential pipelined architecture with integrated output error correction logic. The ADC features a wide bandwidth switched-capacitor sampling network within the first stage of the differential pipeline. An integrated voltage reference eases design considerations. A duty cycle stabilizer (DCS) compensates for variations in the ADC clock duty cycle, allowing the converters to maintain excellent performance.

FEATURES
   11-bit, 200 MSPS output data rate per channel
   Integrated noise shaping requantizer (NSR)
   Performance with NSR enabled
      SNR: 75.5 dBFS in 40 MHz band to 70 MHz @ 185 MSPS
      SNR: 73.7 dBFS in 60 MHz band to 70 MHz @ 185 MSPS
   Performance with NSR disabled
      SNR: 66.5 dBFS to 70 MHz @ 185 MSPS
      SFDR: 83 dBc to 70 MHz @ 185 MSPS
   Low power: 0.62 W @ 185 MSPS
   1.8 V analog supply operation
   1.8 V LVDS (ANSI-644 levels) output
   1-to-8 integer clock divider
   Internal ADC voltage reference
   1.75 V p-p analog input range (programmable to 2.0 V p-p)
   Differential analog inputs with 800 MHz bandwidth
   95 dB channel isolation/crosstalk
   Serial port control
   User-configurable built-in self-test (BIST) capability
   Energy-saving power-down modes

APPLICATIONS
   Communications
   Diversity radio and smart antenna (MIMO) systems
   Multimode digital receivers (3G)
      WCDMA, LTE, CDMA2000
      WiMAX, TD-SCDMA
   I/Q demodulation systems
   General-purpose software radios




Similar Part No. - AD6642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6642BBCZ AD-AD6642BBCZ Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6642BBCZRL AD-AD6642BBCZRL Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6642EBZ AD-AD6642EBZ Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
More results


Similar Description - AD6642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6673 AD-AD6673 Datasheet
1Mb / 45P
80 MHz Bandwidth, Dual IF Receiver
REV. C
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
80 MHz Bandwidth, Dual IF Receiver
25-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com