Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6659 Datasheet (PDF) - Analog Devices

AD6659 Datasheet PDF - Analog Devices
Part # AD6659
Download  AD6659 Download
File Size   1068.02 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver

AD6659 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6659 Datasheet PDF - Analog Devices

Part # AD6659
Download  AD6659 Click to download

File Size   1068.02 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver

AD6659 Datasheet (HTML) - Analog Devices


AD6659 Product details

GENERAL DESCRIPTION
The AD6659 is a mixed-signal, dual-channel IF receiver supporting radio topologies requiring two receiver signal paths, such as in main/diversity or direct conversion. This communications systems processor consists of two high performance analog-todigital converters (ADCs) and noise shaping requantizer (NSR) digital blocks. It is designed to support various communications applications where high dynamic range performance and small size are desired.

FEATURES
   12-bit, 80 MSPS output data rate per channel
   1.8 V analog supply operation (AVDD)
   1.8 V to 3.3 V output supply (DRVDD)
   Integrated noise shaping requantizer (NSR)
   Integrated quadrature error correction (QEC)
   Performance with NSR enabled
      SNR = 81 dBFS in 16 MHz band up to 30 MHz at 80 MSPS
   Performance with NSR disabled
      SNR = 72 dBFS up to 70 MHz at 80 MSPS
      SFDR = 90 dBc up to 70 MHz input at 80 MSPS
   Low power: 98 mW per channel at 80 MSPS
   Differential input with 700 MHz bandwidth
   On-chip voltage reference and sample-and-hold circuit
   2 V p-p differential analog input
   Serial port control options
      Offset binary, gray code, or twos complement data format
      Optional clock duty cycle stabilizer
      Integer 1-to-6 input clock divider
      Data output multiplex option
      Built-in selectable digital test pattern generation
      Energy-saving power-down modes
      Data clock out with programmable clock and data alignment

APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers
      3G, W-CDMA, LTE, CDMA2000, TD-SCDMA, MC-GSM
   I/Q demodulation systems
   Smart antenna systems
   Battery-powered instruments
   General-purpose software radios




Similar Part No. - AD6659

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6650 AD-AD6650 Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results


Similar Description - AD6659

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6673 AD-AD6673 Datasheet
1Mb / 45P
80 MHz Bandwidth, Dual IF Receiver
REV. C
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
80 MHz Bandwidth, Dual IF Receiver
25-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com