Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5001BCPZ Datasheet (PDF) - Analog Devices

ADF5001BCPZ Datasheet PDF - Analog Devices
Part # ADF5001BCPZ
Download  ADF5001BCPZ Download
File Size   274.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 GHz to 18 GHz Divide-by-4 Prescaler

ADF5001BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF5001BCPZ Datasheet PDF - Analog Devices

Part # ADF5001BCPZ
Download  ADF5001BCPZ Click to download

File Size   274.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 GHz to 18 GHz Divide-by-4 Prescaler

ADF5001BCPZ Datasheet (HTML) - Analog Devices




Similar Part No. - ADF5001BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
153Kb / 3P
Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results


Similar Description - ADF5001BCPZ

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
0.5-11.5 GHz Divide by 4 Static Prescaler
logo
NEC
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
5 GHz DIVIDE-BY-4 STATIC PRESCALER
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Agilent(Hewlett-Packard...
HMMC-3104 HP-HMMC-3104 Datasheet
796Kb / 8P
DC-16 GHz Packaged Divide-by-4 Prescaler
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com