Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC10XS3435 Datasheet (PDF) - Freescale Semiconductor, Inc

MC10XS3435 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC10XS3435
Download  MC10XS3435 Download
File Size   1566.0 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)

MC10XS3435 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10XS3435 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC10XS3435
Download  MC10XS3435 Click to download

File Size   1566.0 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)

MC10XS3435 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - MC10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC10XS3435BHFK FREESCALE-MC10XS3435BHFK Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BHFK FREESCALE-MC10XS3435BHFK Datasheet
1Mb / 52P
Quad High-side Switch (Dual 10 mOhm, Dual 35 mOhm)
Rev. 11.0, 5/2014
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 52P
Quad High-side Switch (Dual 10 mOhm, Dual 35 mOhm)
Rev. 11.0, 5/2014
More results


Similar Description - MC10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
Quad High Side Switch (Quad 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
Quad High Side Switch (Quad 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com