Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC206S Datasheet (PDF) - SONiX Technology Company

SNC206S Datasheet PDF - SONiX Technology Company
Part # SNC206S
Download  SNC206S Download
File Size   101.34 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Speech Controller

SNC206S Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC206S Datasheet PDF - SONiX Technology Company

Part # SNC206S
Download  SNC206S Click to download

File Size   101.34 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Speech Controller

SNC206S Datasheet (HTML) - SONiX Technology Company


SNC206S Product details

SNC206S is a single channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit I/O port. By programming through the tiny controller in SNC206S, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.



FEATURES

Single power supply 2.4V – 5.5V

20 seconds voice capacity are provided (@6KHZ sample rate)

Built in a 4-bit tiny controller Where P3.2, P3.3 can direct drive LED (8mA for driving, 16mA for sink)

One 4-bit I/O port is provided

32*4 bits RAM are provided

64K*10 ROM size are provided for voice data and program

Maximum 16K program ROM is provided

Readable ROM code data

Built in a high quality speech synthesizer

Adaptive playing speed from 2.5k-20kHz is provided

Built in a PWM Direct Drive circuit and a fixed current D/A output

8-level volume control for PWM Direct Drive output

System clock: 2MHz

Low Power Detect




Similar Part No. - SNC206S

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
More results


Similar Description - SNC206S

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC202 SONIX-SNC202 Datasheet
329Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC20AS SONIX-SNC20AS Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC207S SONIX-SNC207S Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC208S SONIX-SNC208S Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC209S SONIX-SNC209S Datasheet
100Kb / 11P
Direct Drive Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com