Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4001 Datasheet (PDF) - Mospec Semiconductor

1N4001 Datasheet PDF - Mospec Semiconductor
Part # 1N4001
Download  1N4001 Download
File Size   183.32 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere

1N4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4001 Datasheet PDF - Mospec Semiconductor

Part # 1N4001
Download  1N4001 Click to download

File Size   183.32 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere

1N4001 Datasheet (HTML) - Mospec Semiconductor


1N4001 Product details

VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere

FEATURES
* Low cost construction
* Low forward voltage drop
* Low reverse leakage
* High forward surge current capability
* High temperature soldering guaranteed 260℃ /10 seconds, 0.375”(9.5 mm) lead length at 5 lbs(2.3kg) tension




Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4001 PHILIPS-1N4001 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4001 SURGE-1N4001 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4001 TRSYS-1N4001 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results


Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
Silan Microelectronics ...
1N4001 SILAN-1N4001 Datasheet
167Kb / 3P
GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Yea Shin Technology Co....
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com