Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005 Datasheet (PDF) - Yea Shin Technology Co., Ltd

KBPC35005 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # KBPC35005
Download  KBPC35005 Download
File Size   428.27 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere

KBPC35005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC35005 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # KBPC35005
Download  KBPC35005 Click to download

File Size   428.27 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere

KBPC35005 Datasheet (HTML) - Yea Shin Technology Co., Ltd


KBPC35005 Product details

FEATURES
• Low cost
• This series is UL recognized under component index, file number E127707
• High forward surge current capability
• Integrally molded heatsink provide very low thermal resistance.
• High isolation voltage from case to lugs.
• High temperature soldering guaranteed: 260℃/10 second, at 5 lbs. (2.3kg) tension.
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBPC35005

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
MD1S WILLAS-MD1S Datasheet
334Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
PACELEADER INDUSTRIAL
FR101 PACELEADER-FR101 Datasheet
534Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com