Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # KBPC35005
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBPC35005 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  KBPC35005 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBPC35005 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
KBPC35005 THRU KBPC3510
DEVICE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
T =25 ° C
60
Capacitive
j j max
FIG.6-MAXIMUM POWER DISSIPATION
AVERAGE OUTPUT CURRENT,
REVRESE VOLTAGE,(V)
10
0.1
1.0
10
100
0
0
5
10
1%Duty Cycle
Pulse Width=300uS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T =25 ° C
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
100
=50mV
j
sig
V
f=1MHz
T =25 ° C
p-p
1000
0.01
0.1
1.0
j
40
20
60
Load
T =T
80
100
0
0.01
40
20
1.0
0.1
j
25
Load
15
20
30
35
Resistive
Inductive
or
100
80
120
140
FORWARD SURGE CURRENT PER ELEMENT
8
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
T =100 ° C
FIG.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
OUTPUT RECTIFIED CURRENT
PER BRIDGE ELEMENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
CASE TEMPERATURE, ( ° C)
50
0
10
100
Single Phase
Inductive or Resistive
Half Wave 60Hz
Load
0
10
20
35
30
125
10
j
100
Heat Sink Mounting
100
0
1
300
200
2
4
6
500
400
700
600
1 Cycle
FIG.1-DERATING CURVE FOR
20
10
40
60
100
j max
j
T
9"X 3.5"X 4.6" Thick
(23 X 9 X 11.8cm)
AL.Finned Plate
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT
150
175
100
25
75
(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com