Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # KBPC35005
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBPC35005 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  KBPC35005 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBPC35005 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
KBPC35005 THRU KBPC3510
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 35 Ampere
FEATURES
•
Low cost
•
This series is UL recognized under component
index, file number E127707
•
High forward surge current capability
•
Integrally molded heatsink provide
very low thermal resistance.
•
High isolation voltage from case to lugs.
•
High temperature soldering guaranteed:
260℃/10 second, at 5 lbs. (2.3kg) tension.
•
High temperature soldering : 260OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: Metal case
•
Terminal: Plated 0.25" (6.35mm) lug.
•
Polarity: Polarity symbols marked on case.
•
Mounting: Thru hole for #10 screw, 20 in,- lbs. Torqute Max.
•
Weight: 1.02 ounce, 29gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single phase, half wave, 60Hz, resistive or inductive load.
•
For capacitive load derate current by 20%
KBPC
35005
KBPC
3501
KBPC
3502
KBPC
3504
KBPC
3506
KBPC
3508
KBPC
3510
SYMBOLS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, at TC = 50℃ (Note 1, 2)
I(AV)
35
Amps
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
IFSM
400
Amps
Rating for Fusing (t<8.3ms)
I2t
664
A2s
Maximum Instantaneous Forward Voltage Drop
per bridge element at 17.5A
VF
1.1
Volts
TA = 25℃
10
μ
A
Maximum DC Reverse Current at rate
DC blocking voltage per element
TA =100℃
IR
1.0
mA
Isolation Voltage from case to lugs
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
2.0
℃
/W
Operating Temperature Range
TJ
(-65 to +150)
Storage Temperature Range
TSTG
(-65 to +150)
℃
1. Unit mounted on 9" X 3.5" X 4.6" (23cm X 9cm X 11.8cm)Al. finned Plate.
2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfae for maximum heat transfer efficiency with # 10 screw.
MB-35 Unit:inch(mm)
PARAMETER


Similar Part No. - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC35005

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
MD1S WILLAS-MD1S Datasheet
334Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
PACELEADER INDUSTRIAL
FR101 PACELEADER-FR101 Datasheet
534Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com