Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6579 Datasheet (PDF) - Princeton Technology Corp

PT6579 Datasheet PDF - Princeton Technology Corp
Part # PT6579
Download  PT6579 Download
File Size   302.65 Kbytes
Page   6 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description General Purpose LCD Driver IC

PT6579 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6579 Datasheet PDF - Princeton Technology Corp

Part # PT6579
Download  PT6579 Click to download

File Size   302.65 Kbytes
Page   6 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description General Purpose LCD Driver IC

PT6579 Datasheet (HTML) - Princeton Technology Corp


PT6579 Product details

DESCRIPTION

PT6579 is an LCD Driver IC which can drive up to 200 segments. It can be used for frequency display in microprocessor-controlled radio receiver and in other display applications. PT6579 supports both 1/3 duty,

and 1/4 duty drive. Pin assignment and application circuit are optimized for easy PCB layout and cost

saving advantages.



FEATURES

• CMOS technology

• Up to 153 segments for 1/3 duty and 200 segments for 1/4 duty drive can be displayed

• 1/3 Duty - 1/2 Bias and 1/3 Duty - 1/3 Bias drive techniques

• 1/4 Duty - 1/2 Bias and 1/4 Duty - 1/3 Bias drive techniques

• Power saving mode and all segments OFF function

• Direct display of display data without using a decoder

• RC oscillation circuit

• Power supply voltage: 4.5V to 6V

• CMOS/TTL compatible logic input pins

• LCD drive bias voltage can be provided internally or externally

• On-Chip voltage detection type reset circuit

• Programmable PWM signal output pins

• Available in 64 pins LQFP



APPLICATION

• Electronic equipment with LCD display




Similar Part No. - PT6579

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6579-LQ PTC-PT6579-LQ Datasheet
302Kb / 6P
General Purpose LCD Driver IC
PT6579 PTC-PT6579_10 Datasheet
302Kb / 6P
General Purpose LCD Driver IC
More results


Similar Description - PT6579

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6523 PTC-PT6523 Datasheet
39Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
General Purpose LCD Driver
PT6523 PTC-PT6523_10 Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525_10 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
General Purpose LCD Driver
PT6579 PTC-PT6579_10 Datasheet
302Kb / 6P
General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
144Kb / 18P
General-Purpose LCD Driver
June 2015 - Rev. 0
logo
Princeton Technology Co...
PT16580 PTC-PT16580 Datasheet
360Kb / 4P
General Purpose LCD Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com