Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6901 Datasheet (PDF) - Princeton Technology Corp

PT6901 Datasheet PDF - Princeton Technology Corp
Part # PT6901
Download  PT6901 Download
File Size   230.08 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6901 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6901 Datasheet PDF - Princeton Technology Corp

Part # PT6901
Download  PT6901 Click to download

File Size   230.08 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6901 Datasheet (HTML) - Princeton Technology Corp


PT6901 Product details

DESCRIPTION

PT6901 is an open loop current mode control high brightness LED driver IC. PT6901 can be programmed to operate in either constant frequency or constant off-time mode. The frequency can be programmable set as 30KHz~300KHz. The PT6901 is ideally suited for buck LED drivers. It exports PWM signal to control the external MOS. The PT6901 supply voltage input range is from 8V to 12V, and the output current can be programmed between a few milliamps and up to more

than 1.0A. PT6901 can drive a single or multiple series LEDs, and provide reliability constant current output by detecting LED peak current.



FEATURES

•Constant-current driver

•>85% Efficiency

• Constant frequency or constant off-time operation

• 8V to 12V input range

• LED string from one to hundreds diodes

• Applications from a few mA to more than 1A LED driver

• PWM low-frequency dimming and linear dimming




Similar Part No. - PT6901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6901 TI-PT6901 Datasheet
188Kb / 5P
12 WATT PLUS TO MINUS VOLTAGE CONVERTER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901-SA PTC-PT6901-SA Datasheet
230Kb / 4P
High Power LED Driver
logo
Texas Instruments
PT6901N TI1-PT6901N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
More results


Similar Description - PT6901

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
High power LED driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
LDT Co., Ltd
LD1611 LDT-LD1611 Datasheet
352Kb / 13P
High Power LED Driver
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
HIGH POWER LED DRIVER
Rev 1
logo
IK Semicon Co., Ltd
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
HIGH-POWER LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com