Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6904 Datasheet (PDF) - Princeton Technology Corp

PT6904 Datasheet PDF - Princeton Technology Corp
Part # PT6904
Download  PT6904 Download
File Size   371.27 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6904 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6904 Datasheet PDF - Princeton Technology Corp

Part # PT6904
Download  PT6904 Click to download

File Size   371.27 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6904 Datasheet (HTML) - Princeton Technology Corp


PT6904 Product details

DESCRIPTION

PT6904 is a constant-current LED driver IC utilized constant frequency, controls buck, boost or buck-boost switch converter. In each control mode, PT6904 adopts the inductance current continuous conduction, peak current control mode and the feedback of the output current. It’s controlled by the internal transconductance operational amplifier and external adjustable slope compensation, it is able to gain the high precision output current in closed loop.



FEATURES

• >90% efficiency

• Operating voltage: 9V~36V

• Constant-current driver

• Switch control mode: Buck, Boost, Buck-Boost

• Stable operation frequency

• Slope compensation

• Output current closed loop control

• Input current limit, output over voltage protection, output short-circuit protection

• Linear dimming & PWM dimming

• Synchronization

• Soft start



APPLICATIONS

• LED backlight

• Automotive LED lighting

• Other DC/DC LED drivers



 




Similar Part No. - PT6904

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6904-S PTC-PT6904-S Datasheet
371Kb / 4P
High Power LED Driver
logo
Texas Instruments
PT6904A TI1-PT6904A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6904C TI1-PT6904C Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6904N TI1-PT6904N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Similar Description - PT6904

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
High power LED driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
LDT Co., Ltd
LD1611 LDT-LD1611 Datasheet
352Kb / 13P
High Power LED Driver
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
HIGH POWER LED DRIVER
Rev 1
logo
IK Semicon Co., Ltd
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
HIGH-POWER LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com