Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6903 Datasheet (PDF) - Princeton Technology Corp

PT6903 Datasheet PDF - Princeton Technology Corp
Part # PT6903
Download  PT6903 Download
File Size   233.55 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Brightness LED Driver

PT6903 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6903 Datasheet PDF - Princeton Technology Corp

Part # PT6903
Download  PT6903 Click to download

File Size   233.55 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Brightness LED Driver

PT6903 Datasheet (HTML) - Princeton Technology Corp


PT6903 Product details

DESCRIPTION

PT6903 is a PFM high brightness LED driver control IC. It allows efficient operation of driver current up to 1.0A output, and the input range is from 7V to 36V. Moreover, PT6903 controls the internal MOS at a modulated switch frequency up to 800KHz. PT6903 drives a single or multiple series LEDs at a constant-current control method; thus, providing constant current light output and enhanced reliability.

PT6903 has linear and PWM dimming functions. Output current to an LED string can be  programmed to any value between its minimum value to its maximum value at the linear dimming control input of PT6903. PT6903 provides a low-frequency PWM dimming input that can accept an

external control signal witha duty cycle of 0~100% and a frequency between 100Hz and a few KHz.



FEATURES

•>90% efficiency

• Wide input voltage range: 7V to 36V

• Constant current driver

• Applications up to 1.0A

• Linear & PWM dimming

• Thermal shutdown protection

• Over current protection

• Internal 40V power NMOS switch



APPLICATIONS

• DC/DC LED driver

• Low voltage industrial LED lighting

• Low voltage halogen replacement LEDs

• Decorative LED lighting




Similar Part No. - PT6903

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6903-S PTC-PT6903-S Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Texas Instruments
PT6903A TI1-PT6903A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6903C TI1-PT6903C Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6903N TI1-PT6903N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Similar Description - PT6903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Princeton Technology Co...
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
High Brightness LED Driver IC
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com