Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6905 Datasheet (PDF) - Princeton Technology Corp

PT6905 Datasheet PDF - Princeton Technology Corp
Part # PT6905
Download  PT6905 Download
File Size   358.93 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Brightness LED Driver

PT6905 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6905 Datasheet PDF - Princeton Technology Corp

Part # PT6905
Download  PT6905 Click to download

File Size   358.93 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Brightness LED Driver

PT6905 Datasheet (HTML) - Princeton Technology Corp


PT6905 Product details

DESCRIPTION

The PT6905 is a continuous mode inductive step-down converter with three-stage dimming, designed for driving single or multiple series white LEDs efficiently from a voltage source higher than the output LED voltage. The IC operates from an input supply between 6V and 36V and provides three-stage dimming with output current of up to 1.2Amp.



FEATURES

• High Efficiency (up to 95%)

• Maximum 1.2A Output Current

• Wide Input Voltage: 6V ~ 36V

• Three-Stage Dimming

• Typical 5% Output Current Accuracy

• Thermal Shutdown 150℃Typical

• SOT-89-5L Package



APPLICATIONS

• DC/DC LED Driver

• Low Voltage Industrial LED Lighting

• Low Voltage Halogen Replacement LEDs

• Decorative LED Lighting

• LED Table Lighting




Similar Part No. - PT6905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905N TI1-PT6905N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6905 PTC-PT6905_10 Datasheet
254Kb / 4P
3-Stage Dimming LED Driver
More results


Similar Description - PT6905

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
High Brightness LED Driver IC
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com