Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2250 Datasheet (PDF) - RF Micro Devices

FPD2250 Datasheet PDF - RF Micro Devices
Part # FPD2250
Download  FPD2250 Download
File Size   242.26 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 1.5W POWER pHEMT

FPD2250 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPD2250 Datasheet PDF - RF Micro Devices

Part # FPD2250
Download  FPD2250 Click to download

File Size   242.26 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 1.5W POWER pHEMT

FPD2250 Datasheet (HTML) - RF Micro Devices




Similar Part No. - FPD2250

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
1.5W POWER PHEMT
FPD2250 FILTRONIC-FPD2250 Datasheet
160Kb / 3P
1.5W POWER PHEMT
FPD2250DFN FILTRONIC-FPD2250DFN Datasheet
236Kb / 5P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD2250SOT89 FILTRONIC-FPD2250SOT89 Datasheet
383Kb / 8P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD2250SOT89 FILTRONIC-FPD2250SOT89 Datasheet
380Kb / 6P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Similar Description - FPD2250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM388 NSC-LM388 Datasheet
176Kb / 8P
LM388 1.5W Audio Power Amplifier
logo
NTE Electronics
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 1.5W
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
1.5W POWER PHEMT
logo
NTE Electronics
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
logo
Filtronic Compound Semi...
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
0.25W POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
1.5W POWER PHEMT
logo
List of Unclassifed Man...
BA547 ETC2-BA547 Datasheet
57Kb / 1P
9V/1.5W Power Amplifier
logo
Shenzhen Luguang Electr...
1N5913A LUGUANG-1N5913A Datasheet
288Kb / 3P
POWER DISSIPATION: 1.5W
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com