Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM388 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM388 Datasheet PDF - National Semiconductor (TI)
Part # LM388
Download  LM388 Download
File Size   176.01 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM388 1.5W Audio Power Amplifier

LM388 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM388 Datasheet PDF - National Semiconductor (TI)

Part # LM388
Download  LM388 Click to download

File Size   176.01 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM388 1.5W Audio Power Amplifier

LM388 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM388

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
Power Sequencer
logo
Texas Instruments
LM3880 TI-LM3880 Datasheet
825Kb / 22P
LM3880/LM3880Q-1 Power Sequencer
LM3880 TI1-LM3880 Datasheet
844Kb / 20P
Power Sequencer
LM3880 TI1-LM3880 Datasheet
1Mb / 29P
Simple Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
283Kb / 12P
Power Sequencer
More results


Similar Description - LM388

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 1.5W
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
1.5W POWER PHEMT
logo
NTE Electronics
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
logo
List of Unclassifed Man...
BA547 ETC2-BA547 Datasheet
57Kb / 1P
9V/1.5W Power Amplifier
logo
Shenzhen Luguang Electr...
1N5913A LUGUANG-1N5913A Datasheet
288Kb / 3P
POWER DISSIPATION: 1.5W
logo
List of Unclassifed Man...
ISD8101 ETC2-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8101 NUVOTON-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com