Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM388 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM388
Description  LM388 1.5W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM388 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM388 Datasheet HTML 1Page - National Semiconductor (TI) LM388 Datasheet HTML 2Page - National Semiconductor (TI) LM388 Datasheet HTML 3Page - National Semiconductor (TI) LM388 Datasheet HTML 4Page - National Semiconductor (TI) LM388 Datasheet HTML 5Page - National Semiconductor (TI) LM388 Datasheet HTML 6Page - National Semiconductor (TI) LM388 Datasheet HTML 7Page - National Semiconductor (TI) LM388 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics (Continued)
Swing vs Supply Voltage
Peak-to-Peak Output Voltage
Voltage Gain vs Frequency
Distortion vs Frequency
Distortion vs Output Power
Power4X Load
Device Dissipation vs Output
Output Power8X Load
Device Dissipation vs
Output Power16X Load
Device Dissipation vs
TLH7846 – 6
Application Hints
GAIN CONTROL
To make the LM388 a more versatile amplifier two pins (2
and 6) are provided for gain control With pins 2 and 6 open
the 135 kX resistor sets the gain at 20 (26 dB) If a capaci-
tor is put from pins 2 to 6 bypassing the 135 kX resistor
the gain will go up to 200 (46 dB) If a resistor is placed in
series with the capacitor the gain can be set to any value
from 20 to 200 A low frequency pole in the gain response is
caused by the capacitor working against the external resis-
tor in series with the 150X internal resistor If the capacitor
is eliminated and a resistor connects pins 2 to 6 then the
output dc level may shift due to the additional dc gain Gain
control can also be done by capacitively coupling a resistor
(or FET) from pin 6 to ground as in
Figure 7
Additional external components can be placed in parallel
with the internal feedback resistors to tailor the gain and
frequency response for individual applications For example
we can compensate poor speaker bass response by fre-
quency shaping the feedback path This is done with a se-
ries RC from pin 6 to 13 (paralleling the internal 15 kX resis-
tor) For 6 dB effective bass boost R j 15 kX the lowest
value for good stable operation is R e 10 kX if pin 2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com