Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM388 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM388
Description  LM388 1.5W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM388 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM388 Datasheet HTML 1Page - National Semiconductor (TI) LM388 Datasheet HTML 2Page - National Semiconductor (TI) LM388 Datasheet HTML 3Page - National Semiconductor (TI) LM388 Datasheet HTML 4Page - National Semiconductor (TI) LM388 Datasheet HTML 5Page - National Semiconductor (TI) LM388 Datasheet HTML 6Page - National Semiconductor (TI) LM388 Datasheet HTML 7Page - National Semiconductor (TI) LM388 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7846
February 1995
LM388 15W Audio Power Amplifier
General Description
The LM388 is an audio amplifier designed for use in medium
power consumer applications The gain is internally set to
20 to keep external part count low but the addition of an
external resistor and capacitor between pins 2 and 6 will
increase the gain to any value up to 200
The inputs are ground referenced while the output is auto-
matically biased to one half the supply voltage
Features
Y
Minimum external parts
Y
Wide supply voltage range
Y
Excellent supply rejection
Y
Ground referenced input
Y
Self-centering output quiescent voltage
Y
Variable voltage gain
Y
Low distortion
Y
Fourteen pin dual-in-line package
Y
Low voltage operation 4V
Applications
Y
AM-FM radio amplifiers
Y
Portable tape player amplifiers
Y
Intercoms
Y
TV sound systems
Y
Lamp drivers
Y
Line drivers
Y
Ultrasonic drivers
Y
Small servo drivers
Y
Power converters
Equivalent Schematic and Connection Diagrams
TLH7846 – 1
Dual-In-Line Package
TLH7846 – 2
Top View
Order Number LM388N-1
See NS Package Number N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM388

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
Power Sequencer
logo
Texas Instruments
LM3880 TI-LM3880 Datasheet
825Kb / 22P
LM3880/LM3880Q-1 Power Sequencer
LM3880 TI1-LM3880 Datasheet
844Kb / 20P
Power Sequencer
LM3880 TI1-LM3880 Datasheet
1Mb / 29P
Simple Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
283Kb / 12P
Power Sequencer
More results

Similar Description - LM388

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 1.5W
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
List of Unclassifed Man...
UPG2118K ETC-UPG2118K Datasheet
367Kb / 4P
NECs 1.5W GaAs MMIC POWER AMPLIFIER
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
1.5W POWER PHEMT
logo
NTE Electronics
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
logo
List of Unclassifed Man...
BA547 ETC2-BA547 Datasheet
57Kb / 1P
9V/1.5W Power Amplifier
logo
Shenzhen Luguang Electr...
1N5913A LUGUANG-1N5913A Datasheet
288Kb / 3P
POWER DISSIPATION: 1.5W
logo
List of Unclassifed Man...
ISD8101 ETC2-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8101 NUVOTON-ISD8101 Datasheet
361Kb / 21P
1.5W Audio Amplifier with Chip Enable
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com