Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM388 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM388
Description  LM388 1.5W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM388 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM388 Datasheet HTML 1Page - National Semiconductor (TI) LM388 Datasheet HTML 2Page - National Semiconductor (TI) LM388 Datasheet HTML 3Page - National Semiconductor (TI) LM388 Datasheet HTML 4Page - National Semiconductor (TI) LM388 Datasheet HTML 5Page - National Semiconductor (TI) LM388 Datasheet HTML 6Page - National Semiconductor (TI) LM388 Datasheet HTML 7Page - National Semiconductor (TI) LM388 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Applications (Continued)
TLH7846 – 7
FIGURE 3
TLH7846 – 8
FIGURE 4 Ampifier with Gain e 200 and Minimum CB
TLH7846 – 9
VS e 6V
RL e 4X
PO e 10W
VS e 12V
RL e 8X
PO e 4W
FIGURE 5 Bridge Amp
TLH7846 – 10
FIGURE 6a Amplifier with Bass Boost
TLH7846 – 11
FIGURE 6b Frequency Response
with Bass Boost
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com