Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM388 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM388
Description  LM388 1.5W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM388 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM388 Datasheet HTML 1Page - National Semiconductor (TI) LM388 Datasheet HTML 2Page - National Semiconductor (TI) LM388 Datasheet HTML 3Page - National Semiconductor (TI) LM388 Datasheet HTML 4Page - National Semiconductor (TI) LM388 Datasheet HTML 5Page - National Semiconductor (TI) LM388 Datasheet HTML 6Page - National Semiconductor (TI) LM388 Datasheet HTML 7Page - National Semiconductor (TI) LM388 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Hints (Continued)
is open If pins 2 and 6 are bypassed then R as low as 2 kX
can be used This restriction is because the amplifier is only
compensated for closed-loop gains greater than 9 VV
INPUT BIASING
The schematic shows that both inputs are biased to ground
witha50kX resistor The base current of the input transis-
tors is about 250 nA so the inputs are at about 125 mV
when left open If the dc source resistance driving the
LM388 is higher than 250 kX it will contribute very little
additional offset (about 25 mV at the input 50 mV at the
output) If the dc source resistance is less than 10 kX then
shorting the unused input to ground will keep the offset low
(about 25 mV at the input 50 mV at the output) For dc
source resistances between these values we can eliminate
excess offset by putting a resistor from the unused input to
ground equal in value to the dc source resistance Of
course all offset problems are eliminated if the input is ca-
pacitively coupled
When using the LM388 with higher gains (bypassing the
135 kX resistor between pins 2 and 6) it is necessary to
bypass the unused input preventing degradation of gain
and possible instabilities This is done with a 01 mF capaci-
tor or a short to ground depending on the dc source resist-
ance on the driven input
BOOTSTRAPPING
The base of the output transistor of the LM388 is brought
out to pin 9 for Bootstrapping The output stage of the am-
plifier during positive swing is shown in
Figure 3 with its
external circuitry
R1 a R2 set the amount of base current available to the
output transistor The maximum output current divided by
beta is the value required for the current in R1 and R2
(R1 a R2) e bO
(VS 2) b VBE
IO MAX
Good design values are VBE e 07V and bO e 100
Example 1 watt into 8X load with VS e 12V
IO MAX e
02PO
RL
e
500 mA
(R1 a R2) e 100
(122)b07
05
J e1060X
To keep the current in R2 constant during positive swing
capacitor CB is added As the output swings positive CB lifts
R1 and R2 above the supply maintaining a constant voltage
across R2 To minimize the value of CB R1 e R2 The pole
due to CB and R1 and R2 is usually set equal to the pole
due to the output coupling capacitor and the load This
gives
CB j
4Cc
bO
j
Cc
25
Example for 100 Hz pole and RL e 8X Cc e 200 mF and
CB e 8 mF if R1 is made a diode and R2 increased to give
the same current CB can be decreased by about a factor of
4 as in
Figure 4
For reduced component count the load can replace R1 The
value of (R1 a R2) is the same so R2 is increased Now CB
is both the coupling and the bootstrapping capacitor (see
Figure 2 )
Typical Applications
TLH7846 – 3
FIGURE 1 Load Returned to Ground
(Amplifier with Gain e 20)
TLH7846 – 4
FIGURE 2 Load Returned to VS
(Amplifier with Gain e 20)
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com