Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29150A Datasheet (PDF) - Unisonic Technologies

M29150A Datasheet PDF - Unisonic Technologies
Part # M29150A
Download  M29150A Download
File Size   413.67 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A, VERY LOW DROP 1.5A, VERY LOW DROP

M29150A Datasheet (PDF)

Go To PDF Page Download Datasheet
M29150A Datasheet PDF - Unisonic Technologies

Part # M29150A
Download  M29150A Click to download

File Size   413.67 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A, VERY LOW DROP 1.5A, VERY LOW DROP

M29150A Datasheet (HTML) - Unisonic Technologies




Similar Part No. - M29150A

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M291 SSOUSA-M291 Datasheet
281Kb / 7P
Low On Resistance (70m??TYP)
logo
Solid State Inc
M291 SOLIDSTATE-M291 Datasheet
293Kb / 7P
Low On Resistance (70mTYP)
More results


Similar Description - M29150A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
1.5A Very low drop for low output voltage regulator
18-Apr-2007
logo
Unisonic Technologies
MGBR15V50G-K08-5060-R UTC-MGBR15V50G-K08-5060-R Datasheet
165Kb / 3P
Very low forward voltage drop
MGBR30V120CL-TA3-T UTC-MGBR30V120CL-TA3-T Datasheet
161Kb / 3P
Very low forward voltage drop
MGBR30V200CL-TA3-T UTC-MGBR30V200CL-TA3-T Datasheet
155Kb / 3P
Very low forward voltage drop
MGBR60V200CL-TA3-T UTC-MGBR60V200CL-TA3-T Datasheet
161Kb / 3P
Very low forward voltage drop
TGBR10V50CL-TA3-T UTC-TGBR10V50CL-TA3-T Datasheet
145Kb / 3P
Very low forward voltage drop
TGBR10V60CL-TA3-T UTC-TGBR10V60CL-TA3-T Datasheet
133Kb / 3P
Very low forward voltage drop
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com