Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4941 Datasheet (PDF) - STMicroelectronics

L4941 Datasheet PDF - STMicroelectronics
Part # L4941
Download  L4941 Download
File Size   948.14 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 1A REGULATOR

L4941 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4941 Datasheet PDF - STMicroelectronics

Part # L4941
Download  L4941 Click to download

File Size   948.14 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 1A REGULATOR

L4941 Datasheet (HTML) - STMicroelectronics


L4941 Product details

DESCRIPTION

The L4941 is a three terminal 5V positive regulators available in TO-220, TO-220FP and D2PAK packages, making it useful in a wide range of industrial and consumer applications. Thanks to its very low input/output voltage drop, these devices are particularly suitable for battery powered equipments, reducing consumption and prolonging battery life. It employs internal current limiting, antisaturation circuit, thermal shut-down and safe area protection.



■ LOW DROPOUT VOLTAGE (450mV Typ. at 1A)

■ VERY LOW QUIESCENT CURRENT

■ THERMAL SHUTDOWN

■ SHORT CIRCUIT PROTECTION

■ REVERSE POLARITY PROTECTION



 




Similar Part No. - L4941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4941 STMICROELECTRONICS-L4941 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L4941BDT-TR STMICROELECTRONICS-L4941BDT-TR Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L4941BV STMICROELECTRONICS-L4941BV Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
More results


Similar Description - L4941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com