Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4941 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4941
Description  VERY LOW DROP 1A REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941 Datasheet(HTML) 2 Page - STMicroelectronics

  L4941 Datasheet HTML 1Page - STMicroelectronics L4941 Datasheet HTML 2Page - STMicroelectronics L4941 Datasheet HTML 3Page - STMicroelectronics L4941 Datasheet HTML 4Page - STMicroelectronics L4941 Datasheet HTML 5Page - STMicroelectronics L4941 Datasheet HTML 6Page - STMicroelectronics L4941 Datasheet HTML 7Page - STMicroelectronics L4941 Datasheet HTML 8Page - STMicroelectronics L4941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
L4941
2/14
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "-TR".
Symbol
Parameter
Value
Unit
VI
Forward Input Voltage
30
V
VIR
Reverse Input Voltage (RO=100Ω)
-15
V
IO
Output Current
Internally Limited
mA
PD
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-40 to +150
°C
Top
Operating Junction Temperature Range
-40 to +150
°C
Symbol
Parameter
TO-220
TO-220FP
D2PAK
DPAK
Unit
Rthj-case
Thermal Resistance Junction-case
3538
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
60
62.5
100
°C/W
TO-220
TO-220FP
D2PAK
DPAK
ORDERING CODE
PACKAGE
L4941BV
TO-220
L4941BP
TO-220FP
L4941BD2T
D2PAK
L4941BDT (*)
DPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com