Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4941 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4941
Description  VERY LOW DROP 1A REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941 Datasheet(HTML) 4 Page - STMicroelectronics

  L4941 Datasheet HTML 1Page - STMicroelectronics L4941 Datasheet HTML 2Page - STMicroelectronics L4941 Datasheet HTML 3Page - STMicroelectronics L4941 Datasheet HTML 4Page - STMicroelectronics L4941 Datasheet HTML 5Page - STMicroelectronics L4941 Datasheet HTML 6Page - STMicroelectronics L4941 Datasheet HTML 7Page - STMicroelectronics L4941 Datasheet HTML 8Page - STMicroelectronics L4941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L4941
4/14
ELECTRICAL CHARACTERISTICS (Refer to test circuit, VI=7V, CI =0.1µF, CO =22µF,
TJ = 25°C, unless otherwise specified.)
TYPICAL CHARACTERISTICS
Figure 4 : Dropout Voltage vs Output Current
Figure 5 : Dropout Voltage vs Temperature
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =5mA to 1A
VI = 6 to 14V
4.8
5
5.2
V
VI
Input Voltage
IO =5mA
16
V
∆V
O
Line Regulation
VI =6 to 16V
IO =5 mA
5
20
mV
∆V
O
Load Regulation
IO =5mA to 1A
8
20
mV
IO =0.5Ato1A
5
15
mV
Iq
Quiescent Current
IO =5mA
VI =6V
4
8
mA
IO =1A
VI =6V
20
40
mA
∆I
q
Quiescent Current Change
IO =5mA
VI =6 to 14V
3
mA
IO =1A
VI = 6 to 14V
-10
mA
Vd
Dropout Voltage
IO = 0.5A
250
450
mV
IO = 1A
450
700
mV
∆V
O/∆T
Output Voltage Drift
0.6
mv/°C
SVR
Supply Voltage Rejection
f = 120Hz
IO =1A
58
68
dB
Isc
Short Circuit Current
VI = 14V
1.6
2.0
A
VI =6V
1.8
2.2
ZO
Output Impedance
f = 1KHz
IO =0.5A
30
m
eN
Output Noise Voltage
B = 100Hz to 100KHz
30
µV/V
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com