Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4922 Datasheet (PDF) - STMicroelectronics

L4922 Datasheet PDF - STMicroelectronics
Part # L4922
Download  L4922 Download
File Size   50.64 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP REGULATOR WITH RESET

L4922 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4922 Datasheet PDF - STMicroelectronics

Part # L4922
Download  L4922 Click to download

File Size   50.64 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP REGULATOR WITH RESET

L4922 Datasheet (HTML) - STMicroelectronics


L4922 Product details

DESCRIPTION
The L4922is a high current monolithic voltage regulator with very low voltage drop (0.70 V max at 1 A, TJ = 25 °C).
The device is internally protected against load dumps transient of + 60V, reverse polarity, over heating and output short circuit : thanks toted for the automotive and industrial applications.

■ VERY LOW DROP (max. 0.9 V at 1 A) OVER FULL OPERATING TEMPERATURE RANGE (– 40 / + 125°C)
■ LOW QUIESCENT CURRENT (max 70 mA at 1 A)OVER FULL T RANGE
■ PRECISE OUTPUT VOLTAGE (5 V ± 4 %) OVER FULL T RANGE
■ POWER ON-OFF INFORMATION WITH SET TABLE DELAY
■ REVERSE BATTERY PROTECTION
■ SHORT CIRCUIT PROTECTION
■ THERMAL SHUTDOWN




Similar Part No. - L4922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
L4921 STMICROELECTRONICS-L4921 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
More results


Similar Description - L4922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com