Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4922 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4922
Description  VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4922 Datasheet(HTML) 1 Page - STMicroelectronics

  L4922 Datasheet HTML 1Page - STMicroelectronics L4922 Datasheet HTML 2Page - STMicroelectronics L4922 Datasheet HTML 3Page - STMicroelectronics L4922 Datasheet HTML 4Page - STMicroelectronics L4922 Datasheet HTML 5Page - STMicroelectronics L4922 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L4922
June 2000
VERY LOW DROP REGULATOR WITH RESET
®
.
VERY LOW DROP (max. 0.9 V at 1 A) OVER
FULL OPERATING TEMPERATURE RANGE
(– 40 / + 125
°C)
.
LOW QUIESCENT CURRENT (max 70 mA at
1 A) OVER FULL T RANGE
.
PRECISE OUTPUT VOLTAGE (5 V
± 4%)
OVER FULL T RANGE
.
POWER ON-OFF INFORMATION WITH SET-
TABLE DELAY
.
REVERSE BATTERY PROTECTION
.
SHORT CIRCUIT PROTECTION
.
THERMAL SHUTDOWN
DESCRIPTION
The L4922is a high current monolithic voltage regu-
lator with very low voltage drop (0.70 V max at 1 A,
TJ =25
°C).
The device is internally protected against load
dumps transient of + 60V, reverse polarity, over-
heating and output short circuit : thanks toted for the
automotive and industrial applications.
Pen tawatt
O RDERING NUMBER : L4922
BLOCK DIAGRAM
1/6
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - L4922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
L4921 STMICROELECTRONICS-L4921 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
More results

Similar Description - L4922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com