Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4925 Datasheet (PDF) - STMicroelectronics

L4925 Datasheet PDF - STMicroelectronics
Part # L4925
Download  L4925 Download
File Size   69.82 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATOR

L4925 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4925 Datasheet PDF - STMicroelectronics

Part # L4925
Download  L4925 Click to download

File Size   69.82 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATOR

L4925 Datasheet (HTML) - STMicroelectronics


L4925 Product details

Description
The L4925 is a monolithic integrated 5 V voltage regulator with a very low dropout output and additional functions such as power-on reset and programmable reset delay time.
It is designed for supplying microcomputer controlled systems especially in automotive applications.

Features
■ Operating DC supply voltage range 6 V to 28 V
■ Transient supply voltage up to 40 V
■ Extremely low quiescent current
■ High precision output voltage
■ Output current capability up to 500 mA
■ Very low dropout voltage less than 0.6 V
■ Reset circuit sensing the output voltage
■ Programmable reset pulse delay with external capacitor
■ Thermal shutdown and short circuit protections




Similar Part No. - L4925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
L4925PD STMICROELECTRONICS-L4925PD Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4925PD STMICROELECTRONICS-L4925PD Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
L4925PD013TR STMICROELECTRONICS-L4925PD013TR Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
L4925 STMICROELECTRONICS-L4925_V01 Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
More results


Similar Description - L4925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
500 mA very low drop voltage regulator
September 2016 Rev 4
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com