Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFM Datasheet (PDF) - STMicroelectronics

LDFM Datasheet PDF - STMicroelectronics
Part # LDFM
Download  LDFM Download
File Size   1890.21 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA very low drop voltage regulator

LDFM Datasheet (PDF)

Go To PDF Page Download Datasheet
LDFM Datasheet PDF - STMicroelectronics

Part # LDFM
Download  LDFM Click to download

File Size   1890.21 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA very low drop voltage regulator

LDFM Datasheet (HTML) - STMicroelectronics


LDFM Product details

Description
The LDFM is a fast, very low drop linear regulator which operates from an input supply voltage in the range of 2.5 V to 16 V. It is available in fixed and adjustable output voltage versions, from 0.8 V to 12 V. The LDFM features high output precision, very low dropout voltage, low noise, and low quiescent current, therefore suitable for low voltage microprocessors and memory applications. Enable logic control pin and Power Good output are featured on PPAK/DFN packages. Current and thermal protection are provided.




Similar Part No. - LDFM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
logo
D+H Mechatronic AG
LDF100 DH-LDF100 Datasheet
469Kb / 3P
Louvre window drives
logo
STMicroelectronics
LDF18PT-TR STMICROELECTRONICS-LDF18PT-TR Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
logo
MicroPower Direct, LLC
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
LDF24E-XX-XXX SERIES
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
More results


Similar Description - LDFM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCP134 ONSEMI-NCP134 Datasheet
163Kb / 9P
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com