Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4925 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4925
Description  VERY LOW DROP VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 4 Page - STMicroelectronics

  L4925 Datasheet HTML 1Page - STMicroelectronics L4925 Datasheet HTML 2Page - STMicroelectronics L4925 Datasheet HTML 3Page - STMicroelectronics L4925 Datasheet HTML 4Page - STMicroelectronics L4925 Datasheet HTML 5Page - STMicroelectronics L4925 Datasheet HTML 6Page - STMicroelectronics L4925 Datasheet HTML 7Page - STMicroelectronics L4925 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APPLICATION NOTE
SUPPLY VOLTAGE TRANSIENTS
High supply voltage transients can cause a reset
output signal disturbation.
For supply voltage greater than 8V the circuit
shows a high immunity of the reset output against
supply transients of more than 100V/
µs.
For supply voltage lower than 8V, supply tran-
sients of more than 0.4V/
µs. can cause a reset
signal disturbation.
Foldback Characteristics Of Vo
FUNCTIONAL DESCRIPTION
The L4925 is a monolithic integrated voltage
regulator, based on the STM modular voltage
regulator approach. Several outstanding features
and auxiliary functions are implemented to meet
the requirements of supplying microprocessor
systems in automotive applications.
Nevetrheless, it is suitable also in other applica-
tions where the present functions are required.
The modular approach of this device allows to get
easily also other features and functions when re-
quired.
VOLTAGE REGULATOR
The voltage regulator uses an Isolated Collector
Vertical PNP transistor as a regulating element.
With this structure very low dropout voltage at
currents up to 500mA is obtained.
The dropout operation of the standby regulator is
maintained down to 3V input supply voltage. The
output voltage is regulated up to the transient in-
put supply voltage of 35V. With this feature no
functional interruption due to overvoltage pulses
is generated.
The typical curve showing the standby output
voltage as a function of the input supply voltage is
shown in fig. 1.
The current consumption of the device (quiescent
current) is less than 250
µA.
To reduce the quiescent current peak in the un-
dervoltage region and to improve the transient re-
sponse in this region, the dropout voltage is con-
trolled.
The quiescent current as a function of the supply
input voltage is shown in fig. 2.
Figure 1: Output Voltage vs. Input Voltage
Figure 2: Quiescent Current vs. Supply Voltage
L4925
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com