Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4925 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4925
Description  VERY LOW DROP VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 2 Page - STMicroelectronics

  L4925 Datasheet HTML 1Page - STMicroelectronics L4925 Datasheet HTML 2Page - STMicroelectronics L4925 Datasheet HTML 3Page - STMicroelectronics L4925 Datasheet HTML 4Page - STMicroelectronics L4925 Datasheet HTML 5Page - STMicroelectronics L4925 Datasheet HTML 6Page - STMicroelectronics L4925 Datasheet HTML 7Page - STMicroelectronics L4925 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CONNECTION DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VSDC
DC Operating Supply Voltage
28
V
VSTR
Transient Supply Voltage (t < 1s)
40
V
IO
Output Current
internally limited
VO
Output Voltage
20
V
VRES
Output Voltage
20
V
IRES
Output Current
5
mA
Tstg
Storage Temperature
-55 to 150
°C
Tj
Operating Junction Temperature
-40 to 150
°C
Tj-SD
Thermal Shutdown-Junction Temperature
165
°C
NOTE:
The circuit is ESD protected according to MIL-STD-883C. According to ISO/DIS 7637 the transients must be clamped with external circuitry
(see Application Circuit).
THERMAL DATA
Symbol
Parameter
Pentawatt
SO 20
Unit
Rth j-amb
Rth j-case
Thermal resistance junction to ambient
max.
Thermal resistance junction to case
max.
60
3.5
77 to 97
°C/W
°C/W
N.C.
N.C.
VS
VS
N.C.
RES
N.C.
N.C.
N.C.
N.C.
N.C.
CT
VOUT
N.C.
VOUT
N.C.
N.C.
N.C.
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
GND
N.C.
D95AT152
L4925
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com