Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L387A Datasheet (PDF) - STMicroelectronics

L387A Datasheet PDF - STMicroelectronics
Part # L387A
Download  L387A Download
File Size   81.6 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 5V REGULATOR WITH RESET

L387A Datasheet (PDF)

Go To PDF Page Download Datasheet
L387A Datasheet PDF - STMicroelectronics

Part # L387A
Download  L387A Click to download

File Size   81.6 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 5V REGULATOR WITH RESET

L387A Datasheet (HTML) - STMicroelectronics


L387A Product details

DESCRIPTION

The L387A is a very low drop voltage regulator in aPentawatt  package specially designed to pro

vide stabilized 5V supplies in consumer and in dustrial applications. Thanks to its very low in

put/output voltage drop this device is very useful in battery powered equipment, reducing con

sumption and prolonging battery life. A reset out put makes the L387A particularly suitable for mi

croprocessor systems. This output provides a re set signal when power is applied (after an exter

nal programmable delay) and goes low when



PRECISE OUTPUT VOLTAGE (5 V±4%)

VERY LOW DROPOUT VOLTAGE

OUTPUT CURRENT IN EXCESS OF 500mA

POWER-ON, POWER-OFF INFORMATION (RESET FUNCTION)

HIGH NOISE IMMUNITY ON RESET DELAY CAPACITOR




Similar Part No. - L387A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L387A STMICROELECTRONICS-L387A Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L387A ETC2-L387A Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
More results


Similar Description - L387A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com