Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4922 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4922
Description  VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4922 Datasheet(HTML) 2 Page - STMicroelectronics

  L4922 Datasheet HTML 1Page - STMicroelectronics L4922 Datasheet HTML 2Page - STMicroelectronics L4922 Datasheet HTML 3Page - STMicroelectronics L4922 Datasheet HTML 4Page - STMicroelectronics L4922 Datasheet HTML 5Page - STMicroelectronics L4922 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PIN CONNECTION (Top view)
FUNCTIONAL DESCRIPTION
The operating principle of the voltage regulator is
basedon thereference,the error amplifier,the driver
and the power PNP. This stage uses an Isolated
Collector Vertical PNP transistor which allows to ob-
tain very low dropout voltage (typ. 450mV) and low
quiescent current (IQ = 20mA typically at Io = 1A).
Thanks to these features the device is particularly
suited when the power dissipation must be limited
as, for example, in automotive or industrial applica-
tions supplied by battery.
The three gain stages (operational amplifier,
driver and power PNP) require the external capaci-
tor (Comin =22
µF) to guarantee the global stability
of the system.
The antisaturationcircuit allows to reduce drastically
the current peak which takes place during the start
up.
The reset function is LOW active when the output
voltage level is lower than the reset threshold volt-
age VRthOFF (typ.value : Vo – 150mV).When the out-
put voltage is higher thanVRthON the reset becomes
HIGH aftera delaytime settablewith the externalca-
pacitorCd. Typicallytd =20ms, Cd = 0.1
µF.Thereset
and delay threshold hysteresis improve the noise
immunity allowing to avoid false switchings. The
typical reset output waveform is shown in fig. 1.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
35
V
Vr
DC Reverse Voltage
–18
V
VD
Positive Load Dump Protection (t = 300ms)
60
V
TJ
Junction Temperature Range
–40 to 150
°C
Top
Operating Temperature Range
–40 to 125
°C
Tstg
Storage Temperature Range
–55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
3.5
°C/W
Note: T he circuit is ESD protected according to MIL-STD -883C
L4922
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com