Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4920 Datasheet (PDF) - STMicroelectronics

L4920 Datasheet PDF - STMicroelectronics
Part # L4920
Download  L4920 Download
File Size   64.93 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOWDROP ADJUSTABLE REGULATORS

L4920 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4920 Datasheet PDF - STMicroelectronics

Part # L4920
Download  L4920 Click to download

File Size   64.93 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOWDROP ADJUSTABLE REGULATORS

L4920 Datasheet (HTML) - STMicroelectronics


L4920 Product details

DESCRIPTION

The L4920 and L4921 are adjustable voltage regulator swith a very low voltage drop(0.4V typ.at 0.4A Tj = 25°C), low quiescent current and comprehensive on-chip protection.

These devices are protected against load dump and field decay transients, polarity reversal and over heating.

A foldback current limiter protects against load short circuits.

The output voltage is adjustable through an external divider from 1.25V to 20V. The minimum operating input voltage is 5.2V (TJ = 25°C).



. VERY LOW DROP VOLTAGE

. ADJUSTABLE OUTPUT VOLTAGE FROM 1.25V TO 20V

. 400mA OUTPUT CURRENT

. LOW QUIESCENT CURRENT

. REVERSE VOLTAGE PROTECTION

. + 60/ − 60V TRANSIENT PEAK VOLTAGE PROTECTION

. SHORT CIRCUIT PROTECTION WITH FOLD BACK CHARACTERISTICS

. THERMAL SHUT-DOWN



 




Similar Part No. - L4920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
197Kb / 14P
Very low drop voltage regulator
20-Sep-2013
L4925PD STMICROELECTRONICS-L4925PD Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
More results


Similar Description - L4920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4805-L4885-L4892 STMICROELECTRONICS-L4805-L4885-L4892 Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
Texas Instruments
TL430 TI-TL430_06 Datasheet
146Kb / 9P
ADJUSTABLE SHUNT REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
LOWDrop Out Voltage Regulators
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT Datasheet
202Kb / 2P
Adjustable Voltage Regulators
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
Adjustable Voltage Regulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com