Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B772 Datasheet (PDF) - Daya Electric Group Co., Ltd.

B772 Datasheet PDF - Daya Electric Group Co., Ltd.
Part # B772
Download  B772 Download
File Size   204.34 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description SOT - 8 9 Plastic-Encapsulate Transistors

B772 Datasheet (PDF)

Go To PDF Page Download Datasheet
B772 Datasheet PDF - Daya Electric Group Co., Ltd.

Part # B772
Download  B772 Click to download

File Size   204.34 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description SOT - 8 9 Plastic-Encapsulate Transistors

B772 Datasheet (HTML) - Daya Electric Group Co., Ltd.


B772 Product details

DESCRIPTION
The 2SB772 is PNP silicon transistor suited for the output stage of 3 W audio amplifier, voltage regulator, DC-DC converter and relay driver.

FEATURES
• Low saturation voltage
   VCE(sat) ≤ −0.5 V (IC = −2 A, IB = −0.2 A)
• Excellent hFE linearity and high hFE
   hFE = 60 to 400 (VCE = −2 V, IC = −1 A)
• Less cramping space required due to small and thin package and
   reducing the trouble for attachment to a radiator.
   No insulator bushing required.




Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results


Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SB1308 WILLAS-2SB1308 Datasheet
482Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SB1386 WILLAS-2SB1386 Datasheet
474Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SD874 WILLAS-2SD874 Datasheet
336Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com