Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B772 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # B772
Description  SOT - 8 9 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

B772 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  B772 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. B772 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-89 Plastic-Encapsulate Transistors
B772
TRANSISTOR(PNP)
FEATURES
Low speed switching
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-3
A
PC
Collector Power Dissipation
0.5
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA ,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-1
μA
Collector cut-off current
ICEO
VCE=-30V, IB=0
-10
μA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-1
μA
DC current gain
hFE
VCE= -2V, IC= -1A
60
400
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.5
V
Transition frequency
fT
VCE= -5V, IC=-0.1A
f =10MHz
80
MHz
CLASSIFICATION OF hFE
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
1 2 3
SOT-89
1. BASE
2. COLLETOR
3. EMITTER
1
2
3


Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results

Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SB1308 WILLAS-2SB1308 Datasheet
482Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SB1386 WILLAS-2SB1386 Datasheet
474Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SD874 WILLAS-2SD874 Datasheet
336Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com