Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2011S Datasheet (PDF) - Toshiba Semiconductor

TA2011S Datasheet PDF - Toshiba Semiconductor
Part # TA2011S
Download  TA2011S Download
File Size   213.9 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MIC AMP IC

TA2011S Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2011S Datasheet PDF - Toshiba Semiconductor

Part # TA2011S
Download  TA2011S Click to download

File Size   213.9 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MIC AMP IC

TA2011S Datasheet (HTML) - Toshiba Semiconductor


TA2011S Product details

Features

 



* Built in ALC DET Circuit.



* Built in NFB resistance. (Voltage gain is fixed): Gv= 47dB (typ.) f = 1 kHz, ALC OFF



* ALC Level: Vout(ALC) = 0.6 Vrms (typ.)



* ALC Range: RALC= 58dB (typ.)



* Operating Supply Voltage Range:



* VCC (opr)= 4~14 V (Ta = 25°C)



* When the ALC circuit is off, pin 6 must be connected directly to ground.



 



 






Similar Part No. - TA2011S

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA201 IVO-TA201 Datasheet
402Kb / 2P
Tachometer electronic
logo
TEWS Technologies GmbH
TA201 TEWS-TA201 Datasheet
443Kb / 3P
32x ADC, 16x/0x DAC and 8x Digital I/O
2017-12-05
TA201 TEWS-TA201 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
logo
Baumer IVO GmbH & Co. K...
TA201.001AXA1 IVO-TA201.001AXA1 Datasheet
402Kb / 2P
Tachometer electronic
TA201.002AXA1 IVO-TA201.002AXA1 Datasheet
402Kb / 2P
Tachometer electronic
More results


Similar Description - TA2011S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2110 NJRC-NJM2110 Datasheet
120Kb / 3P
MONORAL MIC AMP for VIDEO CAMERA
logo
Asahi Kasei Microsystem...
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
Stereo CODEC with MIC/SPK-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
Stereo CODEC with MIC/HP-AMP
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
MIC AMP IC
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
Stereo CODEC with MIC/HP-AMP
logo
Unisonic Technologies
M2110 UTC-M2110_15 Datasheet
179Kb / 4P
MONAURAL MIC AMP. FOR VIDEO CAMERA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com