Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2011 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA2011 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA2011
Download  SA2011 Download
File Size   81.2 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description MIC AMP IC

SA2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2011 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA2011
Download  SA2011 Click to download

File Size   81.2 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description MIC AMP IC

SA2011 Datasheet (HTML) - Silan Microelectronics Joint-stock


SA2011 Product details

DESCRIPTION

SA2011 is suitable for audio MIC amplifier of portable cassette tape recorder and karaoke.





FEATURES

* Built in ALC DET Circuit.

* Built in NFB resistance. (Voltage gain is fixed)

   Gv = 47dB ( Typ.) : f=1kHz, ALC OFF

* ALC Level: Vout(ALC) = 0.6Vrms(Typ.)

* ALC Range: RALC = 58dB(Typ.)

* Operating Supply Voltage Range: VCC=4V~14V




Similar Part No. - SA2011

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA201 POLYFET-SA201 Datasheet
50Kb / 2P
RF POWER VDMOS TRANSISTOR
logo
SAMWHA ELECTRIC
SA2012C0G104B100NBA SAMWHA-SA2012C0G104B100NBA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NBB SAMWHA-SA2012C0G104B100NBB Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NBE SAMWHA-SA2012C0G104B100NBE Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NRA SAMWHA-SA2012C0G104B100NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
More results


Similar Description - SA2011

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2110 NJRC-NJM2110 Datasheet
120Kb / 3P
MONORAL MIC AMP for VIDEO CAMERA
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
MIC AMP IC
logo
Asahi Kasei Microsystem...
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
Stereo CODEC with MIC/SPK-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
Stereo CODEC with MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
Stereo CODEC with MIC/HP-AMP
logo
Unisonic Technologies
M2110 UTC-M2110_15 Datasheet
179Kb / 4P
MONAURAL MIC AMP. FOR VIDEO CAMERA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com