Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2011 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA2011
Description  MIC AMP IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2011 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA2011 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 3Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SA2011
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.05.22
Http: www.silan.com.cn
Page 1 of 4
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC max
14
V
Allowable Power Dissipation
Pd max
900
mW
Operating Temperature
Topr
–25 ~ +75
°C
Storage Temperature
Tstg
–55 ~+150
°C
MIC AMP IC
DESCRIPTION
SA2011 is suitable for audio MIC amplifier of portable cassette tape
recorder and karaoke.
FEATURES
* Built in ALC DET Circuit.
* Built in NFB resistance. (Voltage gain is fixed)
Gv = 47dB ( Typ.) : f=1kHz, ALC OFF
* ALC Level: Vout(ALC) = 0.6Vrms(Typ.)
* ALC Range:
RALC = 58dB(Typ.)
* Operating Supply Voltage Range: VCC=4V~14V
APPLICATIONS
* Cassette tape recorder, karaoke, etc…
ORDERING INFORMATION
Device
Package
SA2011
SIP8-7


Similar Part No. - SA2011

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA201 POLYFET-SA201 Datasheet
50Kb / 2P
RF POWER VDMOS TRANSISTOR
logo
SAMWHA ELECTRIC
SA2012C0G104B100NBA SAMWHA-SA2012C0G104B100NBA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NBB SAMWHA-SA2012C0G104B100NBB Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NBE SAMWHA-SA2012C0G104B100NBE Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA2012C0G104B100NRA SAMWHA-SA2012C0G104B100NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
More results

Similar Description - SA2011

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2110 NJRC-NJM2110 Datasheet
120Kb / 3P
MONORAL MIC AMP for VIDEO CAMERA
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
MIC AMP IC
logo
Asahi Kasei Microsystem...
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
Stereo CODEC with MIC/SPK-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
Stereo CODEC with MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
Stereo CODEC with MIC/HP-AMP
logo
Unisonic Technologies
M2110 UTC-M2110_15 Datasheet
179Kb / 4P
MONAURAL MIC AMP. FOR VIDEO CAMERA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com