Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2011 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA2011
Description  MIC AMP IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2011 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA2011 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 3Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SA2011
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.05.22
Http: www.silan.com.cn
Page 2 of 4
ELECTIVAL DHARACTERISTICS (VCC=7V, fr =1kHz, RL=10kΩ, Tamb=25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Quiescent Current
ICCQ
VIN =0, ALC ON
--
5.0
8.0
mA
Voltage Gain
Gv
--
45.5
47
48.5
dB
Maximum Output Voltage
Vom
THD = 1%
1.0
1.3
--
Vrms
Total Harmonic Distortion
THD
VOUT= 0.3Vrms
BW = 400Hz~30kHz
--
0.2
0.5
%
ALC Level
Vout(ALC) VIN= 0.0178Vrms(-35dBv)
0.7
0.8
0.9
Vrms
ALC Range
RALC
3dB up
40
58
--
dB
Attack Time
TATK
VIN=1.41mVrms(-57.0dBV)
→0.014Vrms(-37.0dBV)
--
0.05
--
s
Recovery Time
TRCV
VIN=0.014Vrms(-37.0dBV)
→0.447mVrms(-67.0dBV)
--
2
--
s
Ripple Rejection Ratio
R.R.
f=100Hz,Vripple = 0.1Vrms
-30
-46
--
dB
Input Resistance
RIN
--
20
--
k
Ω
Equivalent Input Noise Voltage
Vni
BW = 20Hz~20kHz
Gv = 47dB, Rg = 2.2k
Ω
--
1.4
3.0
V
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin no.
Pin name
Description
1
NC
No connection.
2
IN-
Feedback port.
3
IN
Positive input of AMP.
4
GND
Ground.
5
OUT
Output of AMP.
6
DETOUT
Output of ALC DET, connected to a 10 F capacitance .
7
VCC
VCC.
Note: When the seal is looked in positive direction, the left pin on the bottom is the first pin (Pin 1).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com